Part Number Hot Search : 
JANTX ZXMN4A06 AN171 P1602AAL MIC2941A RT9201 C2502 68K100
Product Description
Full Text Search
 

To Download PJA65P03R100001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 july 02,2012-rev.00 pja65p03 features ? r ds(on) , v gs @-2.5v,i d @-1a< m ? ? r ds(on) , v gs @-4.5v,i d @-4a<65 m ? ? r ds(on) , v gs @-10v,i d @-4.2a<55 m ? ? advanced trench process technology ? high density cell design for ultra low on-resistance ? specially designed for dc/dc converters ? low gate charge ? lead free in comply with eu rohs 2002/95/ec directives. ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: sot-23 package ? terminals : solderable per mil-std-750,method 2026 ? apporx. weight : 0.0003 ounces, 0.0084grams ? marking : 65 30v p-channel enhancement mode mosfet maximum ratings and thermal characteristics (t a =25 o c unless otherwise noted ) notes: 1. mounted on 1 in 2 fr-4 pcb . pa r a me t e r s ymb o l l i mi t u n it s d r a i n-s o ur c e vo lt a g e v d s -3 0 v ga t e -s o ur c e vo lt a g e v g s + 1 2 v c o nt i nuo us d r a i n c ur r e nt ( no t e s 1 ) t a = 2 5 o c i d -4 a p uls e d d r a i n c ur r e nt i d m -3 0 a p o w e r d i s s i p a t i o n ( no t e s 1 ) t a = 2 5 o c p d 1 .3 6 w typ i c a l the r ma l r e s i s t a nc e ( n ot e s 1 ) r ? ja 1 2 5 o c / w op e r a ti ng j unc t i o n a nd s t o r a g e te mp e r a t ur e r ang e t j ,t s tg - 5 5 t o + 1 5 0 o c 0.120(3.04) 0.110(2.80) 0.056(1.40) 0.047(1.20) 0.079(2.00) 0.070(1.80) 0.020(0.50) 0.013(0.35) 0.044(1.10) 0.035(0.90) 0.006(0.15)min. 0.008(0.20) 0.003(0.08) 0.004(0.10) 0.000(0.00) voltage 30 volts 4 amperes current 9
page . 2 july 02,2012-rev.00 pja65p03 electrical characteristics (t a =25 o c unless otherwise noted ) pa r a me t e r s ymb ol t e s t c o n d it ion min . t yp. max . u n it s s ta ti c d r a i n-s o ur c e b re a k d o w n vo lta g e b v d s s v g s = 0 v, i d = - 2 5 0 ? a -3 0 - - v ga te thr e s ho ld vo lta g e v g s (th) v d s = v g s , i d = - 2 5 0 ? a - 0 .7 - 1 -1 .3 v d r a i n-s o ur c e o n-s ta te re s i s ta nc e r d s( on) v gs = -10v, i d = -4.2a - 4 6 5 5 m ? v gs = -4.5v, i d = -4a - 5 6 6 5 v gs = -2.5v, i d = -1a - 79 ze ro g a te vo lta g e d r a i n c urr e nt i d s s v ds = -24v, v gs =0v - - -1 ? a gate -source leakage current i g s s v g s = + 1 2 v, v d s = 0 v - - + 1 0 0 na d i o d e f o r wa r d vo lta g e v s d i s = - 1 a , v gs = 0 v - -0 .8 -1 v dynamic to ta l ga te c ha r g e q g v ds = - 1 5 v, i d = - 4 a v gs = -4.5v - 8 - nc ga te -s o ur c e c ha rg e q g s - 2 - ga te -d r a i n c ha r g e q gd - 2 - turn-o n d e la y ti me td o n v ds = -15v , v gs = -10v, r g = 6.8 ???? r l = 3.7 ? - 1.2 - ns turn-o ff d e la y ti m e td of f - 5 0 .5 - turn-o n r i s e ti me t r - 2 3 .4 - turn-o ff f a ll ti me t f - 14.2 - inp ut c a p a c i ta nc e c i s s v d s = - 1 5 v, v g s = 0 v f= 1 .0 mh z - 7 7 6 - p f outp ut c ap a c i ta nc e c o ss - 70 - re ve r s e tra ns fe r c a p a c i ta nc e c r ss - 61 - 9
page . 3 july 02,2012-rev.00 pja65p03 rating and characteristic curves 0 5 1 0 1 5 2 0 2 5 0 1 2 3 4 5 - v d s , dr a i n - t o - s o u r c e v o l t a g e ( v ) v g s = - 1 0 v v g s = - 2 . 5 v v g s = - 2 v v g s = - 3 v v g s = - 4 . 5 v - i d s , d r a i n - t o - s o u r ce c u r r e n t ( a ) f i g . 2 o u t p u t c h a r a c t e r i s t i c f i g . 3 t r a n s f e r c h a r a c t e r i s t i c i d = - 2 a 0 2 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 1 6 0 0 2 4 6 8 1 0 - v g s , g a t e - t o - s o u r ce v o l t a g e ( v ) 1 2 5 2 5 r d s ( o n ) , o n - r e si st a n ce ( m ) 0 1 2 3 4 5 6 7 8 9 1 0 0 0 . 5 1 1 . 5 2 2 . 5 3 - v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) t a = 2 5 t a = 1 2 5 - i d s , d r a i n - t o - s o u r ce c u r r e n t ( a ) v d s = 5 v f i g . 4 o n - r e s i s t a n c e v s . d r a i n c u r r e n t 0 2 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 1 6 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 t e m p e r a t u r e ( ) v g s = 1 0 v , i d = 3 . 5 a v g s = 4 . 5 v , i d = 3 . 5 a r d s ( o n ) , o n - r e si st a n ce ( m ) f i g . 6 o n - r e s i s t a n c e v s . j u n c t i o n t e m p e r a t u r e v g s = 2 . 5 v , i d = 1 a 0 2 0 0 4 0 0 6 0 0 8 0 0 1 0 0 0 1 2 0 0 0 5 1 0 1 5 2 0 2 5 3 0 -v d s , d ra i n -t o -s o u rc e v o l t a g e (v ) c , c a p a ci t a n ce ( p f ) c is s c o s s c rs s fr e q u e n c y = 1 m h z f i g . 1 c a p a c i t a n c e c h a r a c t e r i s t i c f i g . 5 o n - r e s i s t a n c e v s . g a te - to - s o u r c e v o l ta g e 0 2 0 4 0 6 0 8 0 1 0 0 1 2 0 2 3 4 5 6 7 8 9 - i d s , d r a i n - t o - s o u r ce c u r r e n t ( a ) v g s = - 1 0 v v g s = - 2 . 5 v v g s = - 4 . 5 v r d s ( o n ) , o n - r e si st a n ce ( m )
page . 4 july 02,2012-rev.00 pja65p03 rating and characteristic curves 0 1 2 3 4 5 6 7 8 9 1 0 0 2 4 6 8 1 0 1 2 1 4 1 6 - q g ( n c ) v d s = - 1 5 v i d = - 3 . 8 a - v g s , g a t e - t o - s o u r ce v o l t a g e ( v ) f i g . 7 g a t e - c h a r g e c h a r a c t e r i s t i c 0 . 0 0 . 2 0 . 4 0 . 6 0 . 8 0 . 2 0 . 4 0 . 6 0 . 8 1 1 . 2 - v s d , s o u r ce - t o - d r a i n v o l t a g e ( v ) t j = 1 2 5 t a = 2 5 - i s , s o u r ce - t o - d r a i n c u r r e n t ( a ) f i g .8 bo d y d i o d e ch a r a c t e r i s t i c
mounting pad layout ? packing information t/r - 12k per 13" plastic reel t/r - 3k per 7? plastic reel order information sot-23 0.031 min. (0.80) min. 0.037 (0.95) 0.043 (1.10) 0.078 (2.00) 0.035 min. (0.90) min. 0.043 (1.10) 0.106 (2.70) unit inch(mm) page . 5 july 02,2012-rev.00 pja65p03
part no_p acking code_version pja65p03 _ r1_00001 pja65p03 _r2_00001 f or example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d page . 6 july 02,2012-rev.00 pja65p03
disclaimer z reproducing and modifying information of the document is prohibited without permission from panjit international inc.. z panjit international inc. reserves the right s to make changes of the content herein the document anytime without notific ation. please refer to our website for the latest document. z panjit international inc. disclaims any and a ll liability arising out of the application or use of any product including damages inci dentally and consequentially occurred. z panjit international inc. does not assume any and all im plied warranties, including warranties of fitness for particular pur pose, non-infringement and merchantability. z applications shown on the herein doc ument are examples of standard use and operation. customers are responsible in co mprehending the suitable use in particular applications. panjit international inc. make s no representation or warranty that such applications will be suitable for the specified us e without further testing or modification. z the products shown herein are not desi gned and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera . customers using or selli ng these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages result ing from such improper use or sale. page . 7 july 02,2012-rev.00 pja65p03


▲Up To Search▲   

 
Price & Availability of PJA65P03R100001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X